Part Number Hot Search : 
15D120KG KAS0712 MB4107A OH1881 ADC08 ENA0972 P3000 FJ256
Product Description
Full Text Search
 

To Download CL101J711S105QA7 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 C&K CL Series Single Pole Power Rocker Switches
Features/Benefits
* Illuminated versions available * Positive detent * Snap-in mounting
Typical Applications
* Floor care products * Power outlet strips * Small appliances
(R)C
US Materials
HOUSING AND ACTUATOR: 6/6 nylon (UL94V-2), black, matte finish. ILLUMINATED ACTUATOR: Polycarbonate, matte finish. CENTER CONTACTS: Silver plated, copper alloy. END CONTACTS: Silver plated. ALL TERMINALS: Silver plated, copper alloy.
NOTE: Specifications and materials listed above are for switches with standard options. For information on specific and custom switches, consult Customer Service Center.
Specifications
CONTACT RATING: UL/CSA: 16 AMPS @ 125 VAC, 1/3 HP; 10 AMPS @ 250 VAC, 1/2 HP. ELECTRICAL LIFE: 10,000 make and break cycles at full load. INSULATION RESISTANCE: 108 min. DIELECTRIC STRENGTH: 1,500 VRMS @ sea level.
Build-A-Switch To order, simply select desired option from each category and place in the appropriate box. Available options are shown and described on pages 16 thru 18. For additional options not shown in catalog, consult Customer Service Center.
Switch CL101 CL102 CL12 *
Function SPDT On-None-On SPST On-None-Off SPST On-None-Off
Actuator J7 Rocker J9 Illuminated rocker
Actuator Color 2 (STD.) Black 1 White 3 Red R Red, illuminated A Amber, illuminated G Green, illuminated Mounting Style/Color S2 (STD.) Snap-in, black S1 Snap-in, white Termination 05 (STD.) .250" quick connect Actuator Marking (NONE) (STD.) No marking D ON-OFF H "O l" - international ON-OFF P "O -" international ON-OFF Contact Rating QA (STD.) Silver Lamp Rating (NONE) (STD.) No lamp 7 125 VAC neon 8 250 VAC neon
* CL12 - for switches with both marking and illumination
Dimensions are shown: Inch (mm) Dimensions subject to change
16
www.ittcannon.com
C&K CL Series Single Pole Power Rocker Switches
SWITCH FUNCTION
SWITCH FUNCTION CONNECTED TERMINALS
NO. POLES
MODEL NO.
C&K marking on opposite side
C&K marking on opposite side
SCHEMATIC
CL101
ON
NONE
ON N/A
SP
CL102
ON
NONE
OFF
2-3
2-1
OR For Illuminated Version
CL12 *
ON
NONE
OFF
* CL12 - for switches with both marking and illumination
ACTUATOR
J7 J9
ROCKER ILLUMINATED ROCKER
NOTE: J9 actuator available with CL102 switch function only.
ACTUATOR COLOR
OPTION CODE ACTUATOR COLOR (STD.) BLACK WHITE RED RED, ILLUMINATED AMBER, ILLUMINATED GREEN, ILLUMINATED
2 1 3 R A G
Dimensions are shown: Inch (mm) Dimensions subject to change
17
www.ittcannon.com
C&K CL Series Single Pole Power Rocker Switches
MOUNTING STYLE/COLOR
S2 S1
(STD.) SNAP-IN, BLACK SNAP-IN, WHITE PANEL MOUNTING
PANEL THICKNESS 0.030-0.049 (0,75-1,25) 0.049-0.079 (1,25-2,0) 0.079-0.118 (2,0-3,0)
"X" 1.126-.004 (28,6-0,1) 1.134-.004 (28,8-0,1) 1.150-.004 (29,2-0,1)
"Y" 0.551+.004 (14,0+0,1) 0.551+.004 (14,0+0,1) 0.551+.004 (14,0+0,1)
TERMINATION
05
(STD.) .250" QUICK CONNECT
ACTUATOR MARKING
NONE
(STD.) NO MARKING
D
ON-OFF
H
Ol
P O-
NOTE: Orientation of actuator marking and terminals.
Dimensions are shown: Inch (mm) Dimensions subject to change
18
www.ittcannon.com
C&K CL Series Single Pole Power Rocker Switches
CONTACT MATERIAL
OPTION CODE
CONTACT AND TERMINAL MATERIAL SILVER POWER
RATINGS 16 AMPS @ 125 VAC; 1/3 HP; 10 AMPS @ 250 VAC, 1/2 HP ((R)C US)
QA (STD.)
LAMP RATING
(NONE) NO LAMP 7 125 VAC 33k NEON 8 250 VAC 150k NEON
NOTE: Lamp rating for J9 actuator option.
Dimensions are shown: Inch (mm) Dimensions subject to change
19
www.ittcannon.com


▲Up To Search▲   

 
Price & Availability of CL101J711S105QA7

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X